データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7812ABV データシート(PDF) 40 Page - STMicroelectronics

部品番号 L7812ABV
部品情報  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812ABV データシート(HTML) 40 Page - STMicroelectronics

Back Button L7812ABV Datasheet HTML 36Page - STMicroelectronics L7812ABV Datasheet HTML 37Page - STMicroelectronics L7812ABV Datasheet HTML 38Page - STMicroelectronics L7812ABV Datasheet HTML 39Page - STMicroelectronics L7812ABV Datasheet HTML 40Page - STMicroelectronics L7812ABV Datasheet HTML 41Page - STMicroelectronics L7812ABV Datasheet HTML 42Page - STMicroelectronics L7812ABV Datasheet HTML 43Page - STMicroelectronics L7812ABV Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Package mechanical data
L78xx, L78xxC, L78xxAB, L78xxAC
40/57
DocID2143 Rev 31
Note:
1
Maximum resin gate protrusion: 0.5 mm.
2
Resin gate position is accepted in each of the two positions shown on the drawing, or their
symmetrical.
Figure 38. Drawing dimension TO-220 (type STD-ST Dual Gauge)
0015988_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57