| データシートサーチシステム |
|
IRFS3607TRLPBF データシート(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS3607TRLPBF データシート(HTML) 8 Page - International Rectifier |
|
8 / 11 page ![]() IRFB/S/SL3607PbF 8 www.irf.com Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ TO-220AB packages are not recommended for Surface Mount Application. TO-220AB Package Outline (Dimensions are shown in millimeters (inches)) TO-220AB Part Marking Information @Y6HQG@) DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å UCDTÃDTÃ6IÃDSA Ã GPUÃ8P9@Ã &'( 6TT@H7G@9ÃPIÃXXÃ (Ã ((& Q6SUÃIVH7@S 6TT@H7G` GPUÃ8P9@ 96U@Ã8P9@ `@6SÃ&Ã2Ã ((& GDI@Ã8 X@@FÃ ( GPBP S@8UDAD@S DIU@SI6UDPI6G Note: "P" in assembly line position indicates "Lead-Free" |