データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS20200CT データシート(PDF) 11 Page - STMicroelectronics

部品番号 STPS20200CT
部品情報  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200CT データシート(HTML) 11 Page - STMicroelectronics

Back Button STPS20200CT Datasheet HTML 7Page - STMicroelectronics STPS20200CT Datasheet HTML 8Page - STMicroelectronics STPS20200CT Datasheet HTML 9Page - STMicroelectronics STPS20200CT Datasheet HTML 10Page - STMicroelectronics STPS20200CT Datasheet HTML 11Page - STMicroelectronics STPS20200CT Datasheet HTML 12Page - STMicroelectronics STPS20200CT Datasheet HTML 13Page - STMicroelectronics STPS20200CT Datasheet HTML 14Page - STMicroelectronics STPS20200CT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID024382 Rev 2
11/15
STPS20200C
Package information
Table 7. TO-220FPAB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
.
0.63
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15