| データシートサーチシステム |
|
ATS611LSB データシート(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS611LSB データシート(HTML) 2 Page - Allegro MicroSystems |
|
2 / 16 page ![]() ATS610LSA AND ATS611LSB DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 2 Both sensors are packaged in miniature plastic housings that have been optimized for size, ease of assembly, and manufacturability. High operating temperature materi- als are used in all aspects of construction. Devices for operation at increased temperatures are also available on special order. ATS610LSA: Large-tooth, gear-position sensing — crank angle, cam angle. ATS611LSB: Fine-pitch, large air gap, gear-speed sensing — transmission, ABS. 600 400 200 40 80 120 160 0 AMBIENT TEMPERATURE IN °°°°C Dwg. GH-065 "SA" PACKAGE RθJA = 147 °C/W "SB" PACKAGE RθJA ~ 150 °C/W 60 100 140 180 20 800 1000 FUNCTIONAL BLOCK DIAGRAM OUTPUT CAPACITOR 3 Dwg. FH-014 SUPPLY GROUND REG + – 1 2 4 POWER-ON LOGIC E2 UVLO + – TRACK & HOLD MAGNET E1 X X W Copyright © 2003 Allegro MicroSystems, Inc. |