| データシートサーチシステム |
|
DSPIC30F2010 データシート(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 データシート(HTML) 77 Page - Microchip Technology |
|
77 / 236 page ![]() © 2007 Microchip Technology Inc. DS70135E-page 75 dsPIC30F4011/4012 FIGURE 11-3: 16-BIT TIMER5 BLOCK DIAGRAM TON PR5 T5IF Equal Comparator x 16 TMR5 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 ADC Event Trigger Sync Note: The dsPIC30F4011/4012 devices do not have an external pin input to Timer5. In these devices, the following modes should not be used: 1. TCS = 1. 2. TCS = 0 and TGATE = 1 (gated time accumulation). |