| データシートサーチシステム |
|
MP2617GL データシート(PDF) 29 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2617GL データシート(HTML) 29 Page - Monolithic Power Systems |
|
29 / 29 page ![]() MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP2617 Rev. 1.03 www.MonolithicPower.com 29 8/23/2013 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2013 MPS. All Rights Reserved. PACKAGE INFORMATION QFN20-3X4mm SIDE VIEW BOTTOM VIEW NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS . 2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH. 3) LEAD COPLANARITY SHALL BE0.10 MILLIMETERS MAX. 4) JEDEC REFERENCE IS MO-220. 5) DRAWING IS NOT TO SCALE. PIN 1 ID MARKING TOP VIEW PIN 1 ID INDEX AREA RECOMMENDED LAND PATTERN PIN 1 ID 0.10 X 45? TYP 0.10 X 45? |