| データシートサーチシステム |
|
MF-LSMF データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LSMF データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() MF-LSMF185/33X, MF-LSMF260X, MF-LSMF300X MF-LSMF300/24X Tape Dimensions per EIA 481-2 per EIA 481-2 W 16.0 ± 0.30 16.0 ± 0.30 (0.630 ± 0.012) (0.630 ± 0.012) P0 4.0 ± 0.10 4.0 ± 0.10 (0.157 ± 0.004) (0.157 ± 0.004) P1 8.0 ± 0.10 8.0 ± 0.10 (0.315 ± 0.004) (0.315 ± 0.004) P2 2.0 ± 0.05 2.0 ± 0.05 (0.079 ± 0.002) (0.079 ± 0.002) A0 5.74 ± 0.10 5.70 ± 0.10 (0.226 ± 0.004) (0.224 ± 0.004) B0 8.02 ± 0.10 8.10 ± 0.10 (0.316 ± 0.004) (0.319 ± 0.004) B1 max. 12.1 12.1 (0.476) (0.476) D0 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 (0.059 + 0.004/-0) (0.059 + 0.004/-0) F 7.5 ± 0.05 7.5 ± 0.05 (0.295 ± 0.002) (0.295 ± 0.002) E1 1.75 ± 0.10 1.75 ± 0.10 (0.069 ± 0.004) (0.069 ± 0.004) E2 min. 14.25 14.25 (0.561) (0.561) T max. 0.6 0.6 (0.024) (0.024) T1 max. 0.1 0.1 (0.004) (0.004) K0 0.91 ± 0.10 1.70 ± 0.10 (0.036 ± 0.004) (0.067 ± 0.004) Leader min. 390 390 (15.35) (15.35) Trailer min. 160 160 (6.30) (6.30) Reel Dimensions A max. 331 331 (13.03) (13.03) N min. 50 50 (1.97) (1.97) W1 16.4 + 2.0/-0.0 16.4 + 2.0/-0.0 (0.646 + 0.079/-0.0) (0.646 + 0.079/-0.0) W2 max. 22.4 22.4 (0.882) (0.882) MF-LSMF Series Tape and Reel Specifications Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 P0 E2 E1 W DIMENSIONS: MM (INCHES) NOTE: Effective December 1, 2010 (product date code “X”), the cover tape was changed to the new 3M™ Universal Cover Tape (UCT). |