| データシートサーチシステム |
|
MF-R07590U-2 データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-R07590U-2 データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Carrier tape width W W 18 -0.5/+1.0 (.709) (-0.02/+.039) Hold down tape width W4 11 min. W0 (.433) Hold down tape No protrusion Top distance between tape edges W2 W6 3 max. (.118) Sprocket hole position W1 W5 9 -0.5/+0.75 (.354) (-0.02/+0.03) Sprocket hole diameter D0 D0 4 ±0.2 (.157) (±.0078) Abscissa to plane (straight lead) H H 18.5 ±3.0 (.728) (±.118) Abscissa to plane (kinked lead) H0 H0 16 ±0.5 (.63) (±.02) Abscissa to top (straight lead) H1 H1 38.0 max. (1.496) Abscissa to top (kinked lead) H1 H1 32.2 max. (1.268) Overall width w/lead protrusion (straight lead) C1 55.0 max. (2.165) Overall width w/lead protrusion (kinked lead) C1 43.2 max. (1.7) Overall width w/o lead protrusion (straight lead) C2 54.0 max. (2.126) Overall width w/o lead protrusion (kinked lead) C2 42.5 max. (1.673) Lead protrusion I1 L1 1.0 max. (.039) Protrusion of cutout L L 11 max. (.433) Protrusion beyond hold-down tape I2 I2 Not specified Sprocket hole pitch P0 P0 12.7 ±0.3 (0.5) (±.012) Pitch tolerance 20 consecutive ±1 (±.039) Device pitch: MF-R005–MF-R160, MF-R/90, MF-RX110/72–MF-RX185/72 12.7 ±0.3 (0.5) (±.012) Device pitch: MF-R185–MF-R400, MF-RX110–MF-RX375 MF-R/600, MF-RX250/72–MF-RX375/72 25.4 ±0.6 (1.0) (±.024) Tape thickness t t 0.9 max. (.035) Tape thickness with splice: MF-R010–MF-R160, t1 max. MF-RX110/72–MF-RX185/72 1.5 (.059) Tape thickness with splice: MF-R250–MF-R1100, t1 max. MF-RX110–MF-RX375, MF-R/90, MF-RX250/72-MF-RX375/72 2.3 (.091) Splice sprocket hole alignment 0 ±0.3 (±.012) Body lateral deviation Δh Δh 0 ±1.0 (±.039) Body tape plane deviation Δp Δp 0 ±1.3 (±.051) MF-R, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series Tape and Reel Specifications Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Devices taped using EIA468–B/IEC286-2 standards. See table below and Figures 1 and 2 for details. DIMENSIONS: MM (INCHES) |