| データシートサーチシステム |
|
F1509 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
F1509 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 418 page ![]() 2011-2013 Microchip Technology Inc. DS40001609C-page 11 PIC16(L)F1508/9 RC5/PWM1/CLC1(1)/ CWG1A RC5 TTL CMOS General purpose I/O. PWM1 — CMOS PWM output. CLC1 — CMOS Configurable Logic Cell source output. CWG1A — CMOS CWG primary output. RC6/AN8/NCO1(1)/CLC3IN1/ SS RC6 TTL CMOS General purpose I/O. AN8 AN — ADC Channel input. NCO1 — CMOS Numerically Controlled Oscillator source output. CLC3IN1 ST — Configurable Logic Cell source input. SS ST — Slave Select input. RC7/AN9/CLC1IN1/SDO RC7 TTL CMOS General purpose I/O. AN9 AN — ADC Channel input. CLC1IN1 ST — Configurable Logic Cell source input. SDO — CMOS SPI data output. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. TABLE 1-2: PIC16(L)F1508/9 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Alternate pin function selected with the APFCON (Register 11-1) register. |