| データシートサーチシステム |
|
SD3812-1R0-R データシート(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
SD3812-1R0-R データシート(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 3 page ![]() SD38 Series Low Profile, Shielded Inductors Packaging Information Ko 1.5 Dia min. Bo 8.0 4.00 2.00 ± 0.05 1.5 Dia. +0.1/-0.0 1.75 5.50 12.0 +/-0.3 Ao 4.5 4.5 SECTION A-A Direction of feed SD3812/SD3814 Series Ao=5.1mm Bo=4.6mm Ko=1.6mm Parts packaged on 13" Diameter reel, 4,150 parts per reel. Inductance Characteristics OCL vs Isat SD3812 0 10 20 30 40 50 60 70 80 90 100 0 10 20 30 40 50 60 70 80 90 100 110 120 130 % of Isat OCL vs Isat SD3814 0 10 20 30 40 50 60 70 80 90 100 0 10 20 30 40 50 60 70 80 90 10 0 11 0 12 0 13 0 14 0 15 0 16 0 % of Isat Core Loss Irms DERATING WITH CORE LOSS % of Applied Volt- µSecond Visit us on the Web at www.cooperbussmann.com 1225 Broken Sound Pkwy. Suite F Boca Raton, FL 33487 Tel: +1-561-998-4100 Toll Free: +1-888-414-2645 Fax: +1-561-241-6640 This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Electronic Technologies does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. PM-4318 3/07 © Cooper Electronic Technologies 2007 |