データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP2674 データシート(PDF) 11 Page - Monolithic Power Systems

部品番号 MP2674
部品情報  Li-Ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2674 データシート(HTML) 11 Page - Monolithic Power Systems

Back Button MP2674 Datasheet HTML 3Page - Monolithic Power Systems MP2674 Datasheet HTML 4Page - Monolithic Power Systems MP2674 Datasheet HTML 5Page - Monolithic Power Systems MP2674 Datasheet HTML 6Page - Monolithic Power Systems MP2674 Datasheet HTML 7Page - Monolithic Power Systems MP2674 Datasheet HTML 8Page - Monolithic Power Systems MP2674 Datasheet HTML 9Page - Monolithic Power Systems MP2674 Datasheet HTML 10Page - Monolithic Power Systems MP2674 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP2674 – CHARGE SYSTEM PROTECTION CIRCUIT
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2674 Rev. 0.9
www.MonolithicPower.com
11
11/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN8 (2mmx2mm)
TOP VIEW
1
8
54
BOTTOM VIEW
1.90
2.10
1.90
2.10
0.50
BSC
0.20
0.30
PIN 1 ID
MARKING
0.50
0.25
RECOMMENDED LAND PATTERN
1.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-220, VARIATION VCCD.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
0.10X45º TYP.
0.70
0.30
0.40
PIN 1 ID
INDEX AREA
SIDE VIEW
0.00
0.05
0.80
1.00
0.20 REF
0.75
0.25
0.35
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11