データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP3393EY データシート(PDF) 8 Page - Monolithic Power Systems

部品番号 MP3393EY
部品情報  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393EY データシート(HTML) 8 Page - Monolithic Power Systems

Back Button MP3393EY Datasheet HTML 4Page - Monolithic Power Systems MP3393EY Datasheet HTML 5Page - Monolithic Power Systems MP3393EY Datasheet HTML 6Page - Monolithic Power Systems MP3393EY Datasheet HTML 7Page - Monolithic Power Systems MP3393EY Datasheet HTML 8Page - Monolithic Power Systems MP3393EY Datasheet HTML 9Page - Monolithic Power Systems MP3393EY Datasheet HTML 10Page - Monolithic Power Systems MP3393EY Datasheet HTML 11Page - Monolithic Power Systems MP3393EY Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
8
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN UVLO vs. Temperature
EN UVLO vs. Temperature
Operation Frequency vs.
Temperature
DC Dimming Range vs.
Temperature
OVP Protection Point vs.
Temperature
FB vs. Temperature
IQ vs. Temperature
2.000
2.100
2.200
2.300
2.400
2.500
2.600
2.700
2.800
2.900
3.000
-50
0
50
100
150
7.000
7.200
7.400
7.600
7.800
8.000
8.200
8.400
8.600
8.800
9.000
-50
0
50
100
150
0.800
1.000
1.200
1.400
1.600
1.800
2.000
2.200
2.400
-50
0
50
100
150
1.2
1.21
1.22
1.23
1.24
1.25
-50
0
50
100
150
0
20
40
60
80
100
120
140
160
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
0.2
0.2005
0.201
0.2015
0.202
0.2025
0.203
0.2035
0.204
0.2045
0.205
-50
0
50
100
150
DC Dimming Min (0%)
DC Dimming Max (100%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19