| データシートサーチシステム |
|
ACPL-074L データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-074L データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 12 page ![]() 2 Ordering Information ACPL-071L/074L are UL Recognized with 3750 Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Gull Wing Tape& Reel UL 5000 Vrms/ 1 Minute rating IEC/EN/DIN EN 60747-5-2 Quantity RoHS Compliant ACPL-071L -000E SO-8 X 100 per tube -500E X X 1500 per reel -060E X X 100 per tube -560E X X X 1500 per reel ACPL-074L -000E SO-8 X 100 per tube -500E X X 1500 per reel -060E X X 100 per tube -560E X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-071L-500E to order product of Small Outline SO-8 package in Tape and Reel packaging in RoHS compliant. Example 2: ACPL-074L-000E to order product of Small Outline SO-8 package in tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |