| データシートサーチシステム |
|
LDV12-15-R80 データシート(PDF) 1 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
LDV12-15-R80 データシート(HTML) 1 Page - TDK Electronics |
|
1 / 4 page ![]() LD12 Series 1 LD12 Series 12W IP66 Power Supplies Key Market Segments & Applications LED Lighting Damp Environments • Small Size • Constant Current or Constant Voltage Versions • Splash proof • Conservative component ratings for long life LD12 Features and Benefits Features Benefits • IP66 Rated • Can be used in wet applications • Vacuum Encapsulated • Robust • Wide range AC Input • Supports global use Specifications MODEL LDC12 LDV12 ITEMS AC Input VAC/Hz 90 - 264VAC, 47 - 63Hz Inrush Current (100/200VAC) A 25 / 50A, 25°C ambient, cold start Input Current (110/200VAC) A 0.28 / 0.18A Temperature Coefficient - <0.02%/°C (0 - 50°C) Overcurrent Protection - Automatic Recovery > 105% of rated power Overvoltage Protection % > 110% Turn on time ms < 200ms Leakage Current (265VAC 60Hz) mA 0.25mA Efficiency % 82% typical at full load Operating Temperature - -10 to +60°C (Guaranteed start up at -20°C) Storage Temperature - -30 to +85°C Operating Humidity (1) - 15 - 90% RH Storage Humidity (1) - 15 - 90% RH Cooling - Convection Withstand Voltage - Input to Output 3kVAC Isolation Resistance - >100M at 25°C & 70%RH, Input to Output at 500VDC Vibration (non operating) - 10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 30 mins Shock - < 196.1 m/s2 (20G) Immunity - IEC61000-4-2, -3, -4, -5, -6, -8, -11 Safety Agency Approvals - UL1310 (Class 2), IEC61347-1, IEC61347-2-13, CE Mark Conducted & Radiated EMI - EN55015, EN55022, FCC Class B IP Class - IP66 Weight (Typ) g 84 Size (LxWxH) mm 90 x 34.5 x 21 Warranty yrs 3 Years (1) Non condensing |
同様の部品番号 - LDV12-15-R80 |
|
同様の説明 - LDV12-15-R80 |