| データシートサーチシステム |
|
MCP7940M データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP7940M データシート(HTML) 17 Page - Microchip Technology |
|
17 / 38 page ![]() 2012 Microchip Technology Inc. Preliminary DS22292A-page 17 MCP7940M 5.2.2.3 Sequential Read Sequential reads are initiated in the same way as a random read except that after the MCP7940M transmits the first data byte, the master issues an Acknowledge as opposed to the Stop condition used in a random read. This Acknowledge directs the MCP7940M to transmit the next sequentially addressed 8-bit word (Figure 5-6). Following the final byte transmitted to the master, the master will NOT generate an Acknowledge but will generate a Stop condition. To provide sequential reads, the MCP7940M contains an internal Address Pointer which is incremented by one at the completion of each operation. This Address Pointer allows the entire memory contents to be serially read during one operation. The internal Address Pointer will automat- ically roll over to the start of the Block. FIGURE 5-5: RANDOM READ FIGURE 5-6: SEQUENTIAL READ BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY A C K N O A C K A C K A C K S T O P S T A R T CONTROL BYTE ADDRESS BYTE CONTROL BYTE DATA BYTE S T A R T S 1 101 0 111 S 10 10 1 P BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY CONTROL BYTE DATA n DATA n + 1 DATA n + 2 DATA n + X N O A C K A C K A C K A C K A C K S T O P P |