データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC10LF320T-IPQTP データシート(PDF) 21 Page - Microchip Technology

部品番号 PIC10LF320T-IPQTP
部品情報  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IPQTP データシート(HTML) 21 Page - Microchip Technology

Back Button PIC10LF320T-IPQTP Datasheet HTML 17Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 18Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 19Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 20Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 21Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 22Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 23Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 24Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 21
PIC10(L)F320/322
3.0
DEVICE CONFIGURATION
Device Configuration consists of Configuration Word
and Device ID.
3.1
Configuration Word
There are several Configuration Word bits that allow
different oscillator and memory protection options.
These are implemented as Configuration Word at
2007h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More