| データシートサーチシステム |
|
PIC10LF320T-IPSQTP データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10LF320T-IPSQTP データシート(HTML) 9 Page - Microchip Technology |
|
9 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 9 PIC10(L)F320/322 TABLE 1-2: PIC10(L)F320/322 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/PWM1/CLC1IN1/CWG1A/ AN0/ICSPDAT RA0 TTL CMOS General purpose I/O with IOC and WPU. PWM1 — CMOS PWM output. CLC1IN1 ST — CLC input. CWG1A — CMOS CWG primary output. AN0 AN — A/D Channel input. ICSPDAT ST CMOS ICSP™ Data I/O. RA1/PWM2/CLC1/CWG1B/AN1/ CLKIN/ICSPCLK/NCO1CLK RA1 TTL CMOS General purpose I/O with IOC and WPU. PWM2 — CMOS PWM output. CLC1 — CMOS CLC output. CWG1B — CMOS CWG complementary output. AN1 AN — A/D Channel input. CLKIN ST — External Clock input (EC mode). ICSPCLK ST — Serial Programming Clock. NCO1CLK ST — Numerical Controlled Oscillator external clock input. RA2/INT/T0CKI/NCO1/CLC1IN2/ CLKR/AN2/CWG1FLT RA2 TTL CMOS General purpose I/O with IOC and WPU. INT ST — External interrupt. T0CKI ST — Timer0 clock input. NCO1 — CMOS Numerically Controlled Oscillator output. CLC1IN2 ST — CLC input. CLKR — CMOS Clock Reference output. AN2 AN — A/D Channel input. CWG1FLT ST — Complementary Waveform Generator Fault 1 source input. RA3/MCLR/VPP RA3 TTL — General purpose input. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. VDD VDD Power — Positive supply. VSS VSS Power — Ground reference. Legend: AN = Analog input or output CMOS = CMOS compatible input or output TTL = CMOS input with TTL levels ST = CMOS input with Schmitt Trigger levels HV = High Voltage |