データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC10F322T-EMCSQTP データシート(PDF) 4 Page - Microchip Technology

部品番号 PIC10F322T-EMCSQTP
部品情報  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP データシート(HTML) 4 Page - Microchip Technology

  PIC10F322T-EMCSQTP Datasheet HTML 1Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 2Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 3Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 4Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 5Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 6Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 7Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 8Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 4
Preliminary
 2011 Microchip Technology Inc.
FIGURE 1:
6-PIN DIAGRAM, PIC10(L)F320/322
FIGURE 2:
8-PIN DIAGRAM, PIC10(L)F320/322
TABLE 2:
6 AND 8-PIN ALLOCATION TABLE (PIC10(L)F320/322)
TABLE 1:
PIC10(L)F320/322 FEATURE SUMMARY
Device
Program
Memory
Flash
(words)
SRAM
(bytes)
I/O(1)
8-bit A/D (ch) CLC
10-bit
PWM
Timers
8-bit
NCO
CWG
PIC10F320
256
64
4
3
1
2
2
1
1
PIC10LF320
256
64
4
3
1
2
2
1
1
PIC10F322
512
64
4
3
1
2
2
1
1
PIC10LF322
512
64
4
3
1
2
2
1
1
Note 1:
One pin is input-only.
I/O
6-Pin 8-Pin Analog
Timer
PWM
Interrupts Pull-ups
CWG
NCO
CLC
Basic
ICSP
RA0
1
5
AN0
—
PWM1
IOC0
Y
CWG1A
—
CLC1IN1
—
ICSPDAT
RA1
3
4
AN1
—
PWM2
IOC1
Y
CWG1B
NCO1CLK
CLC1
CLKIN ICSPCLK
RA2
4
3
AN2
T0CKI
—
INT/IOC2
Y
CWG1FLT
NCO1
CLC1IN2
CLKR
RA3
6
8
—
—
—
IOC3
Y
—
—
—
MCLR
VPP
N/C
—
1
—
—
—
—
—
—
—
—
—
—
N/C
—
6
—
—
—
—
—
—
—
—
—
—
VDD
5
2
—
—
—
—
—
—
—
—
VDD
—
VSS
27
—
—
—
—
—
—
—
—
VSS
—
1
2
3
4
5
6
PIC10(L)F320
PIC10(L)F322
RA3/MCLR/VPP
VDD
RA2
ICSPCLK/RA1
ICSPDAT/RA0
VSS
SOT-23
1
2
3
4
5
6
7
8
RA3/MCLR/VPP
VSS
N/C
RA0/ICSPDAT
ICSPCLK/RA1
N/C
VDD
RA2
PDIP, DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More