| データシートサーチシステム |
|
AFS090 データシート(PDF) 22 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS090 データシート(HTML) 22 Page - Microsemi Corporation |
|
22 / 27 page ![]() 23 www.microsemi.com/soc MPM 9 V Jack MPM Power Switch Power Supply Regulator REG1 - REG4 Interrupt Switches (SW8, SW11, SW16, SW15) Mixed Signal Header Power Supply Regulator REG1 - REG4 Potentiometers Power Supply Regulators R1 - R4 LEDs MPM Daughter Card Motor Control Development Kit • Supportspowermanagement design with the SmartFusion Evaluation Kit and SmartFusion Development Kit • MPMdesignexampleimplements configurablepowermanagement in SmartFusion cSoC • Graphicalconfigurationdialog • In-systemreconfigurable • 9Vpowersupply • Boardfeatures - 4 power supply regulators - 4 potentiometers to control regulators - 4 power supply regulator interrupt switches - 4 power supply regulator status LEDs - Mixed signal header connector connects to SmartFusion board • Circuitryonboardaccommodates drivers for up to 4 PMSM motors (1 supplied with kit) • OnePMSMmotorwithHallsensor and encoder included • Referencedesignsupporting multiple operation modes • PCinterfacefordefiningvelocity, torque and other parameters for up to four motors in real-time over an Ethernet connection • 18Vpowersupply • Mainspowersupplywith international adapter • Crossovercable • Schematicsanddesign filesavailable • User’sguide • Fivereferencedesignsincluding C source code and RTL • Commutationintrapezoidalmode usingHalleffectsensorfeedback • SinusoidalusingHalleffect sensor feedback - Commutation starts in trapezoidal mode and switches to sinusoidal when sufficient speed is achieved • SinusoidalwithHalleffect encoder feedback - Commutation starts in trapezoidal mode and switches to sinusoidal mode on first edge of Hall sensor input using incremental encoder • Sensorlesstrapezoidal - Uses back-EMF to generate six-step commutation feedback Ordering Code Supported Device Price MPM-DC-KIT No Microsemi device $ 299 Ordering Code Description Price A2F-MOTOR-CONTROL-KIT Motor control kit including reference designs and 1 motor $ 2,499 A2F-MOTOR-CONTROL-DESIGNS Motor control reference designs $ 499 3-MOTORS Additional 3 motors $ 185 |