データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP9800 データシート(PDF) 13 Page - Microchip Technology

部品番号 MCP9800
部品情報  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9800 データシート(HTML) 13 Page - Microchip Technology

Back Button MCP9800 Datasheet HTML 9Page - Microchip Technology MCP9800 Datasheet HTML 10Page - Microchip Technology MCP9800 Datasheet HTML 11Page - Microchip Technology MCP9800 Datasheet HTML 12Page - Microchip Technology MCP9800 Datasheet HTML 13Page - Microchip Technology MCP9800 Datasheet HTML 14Page - Microchip Technology MCP9800 Datasheet HTML 15Page - Microchip Technology MCP9800 Datasheet HTML 16Page - Microchip Technology MCP9800 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2004 Microchip Technology Inc.
DS21909B-page 13
MCP9800/1/2/3
4.3.4
SENSOR CONFIGURATION
REGISTER (CONFIG)
The MCP9800/1/2/3 has an 8-bit read/write configura-
tion register (CONFIG) that allows the user to select the
different features. These features include shutdown,
ALERT output select as comparator or interrupt output,
ALERT output polarity, fault queue cycle, temperature
measurement resolution and One-shot mode (single
conversion while in shutdown). These functions are
described in detail in the following sections.
REGISTER 4-5:
CONFIGURATION REGISTER (CONFIG)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
One-Shot
Resolution
Fault Queue
ALERT
Polarity
COMP/
INT
Shut-
down
bit 7
bit 0
bit 7
ONE-SHOT bit
1
= Enabled
0
= Disabled (Power-up default)
bit 5-6
Σ∆ ADC RESOLUTION bit
00
= 9 bit (Power-up default)
01
= 10 bit
10
= 11 bit
11
= 12 bit
bit 3-4
FAULT QUEUE bit
00
= 1 (Power-up default)
01
=2
10
=4
11
=6
bit 2
ALERT POLARITY bit
1
=Active-High
0
= Active-Low (Power-up default)
bit 1
COMP/INT bit
1
= Interrupt Mode
0
= Comparator Mode (Power-up default)
bit 0
SHUTDOWN bit
1
= Enable
0
= Disable (Power-up default)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30