| データシートサーチシステム |
|
STM32F373RC データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373RC データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 131 page ![]() Pinouts and pin description STM32F37xxx 36/131 DocID022691 Rev 4 38 M7 PE7 I/O TC (2) (1) SDADC1_AIN3P, SDADC1_AIN4M, SDADC2_AIN5P, SDADC2_AIN6M 39 L7 29 21 PE8 I/O TC (2) SDADC1_AIN8P, SDADC2_AIN8P 40 M8 30 22 PE9 I/O TC (2) SDADC1_AIN7P, SDADC1_AIN8M, SDADC2_AIN7P, SDADC2_AIN8M 41 L8 PE10 I/O TC (2) (1) SDADC1_AIN2P 42 M9 PE11 I/O TC (2) (1) SDADC1_AIN1P, SDADC1_AIN2M, SDADC2_AIN4P 43 L9 PE12 I/O TC (2) (1) SDADC1_AIN0P, SDADC2_AIN3P, SDADC2_AIN4M 44 M10 PE13 I/O TC (2) (1) SDADC1_AIN0M , SDADC2_AIN2P 45 M11 PE14 I/O TC (2) (1) SDADC2_AIN1P, SDADC2_AIN2M 46 M12 PE15 I/O TC (2) (1) USART3_RX SDADC2_AIN0P 47 L10 PB10 I/O TC (2) (1) SPI2_SCK/I2S2_CK, USART3_TX, CEC, TSC_SYNC, TIM2_CH3 SDADC2_AIN0M 48 L11 VREFSD- S (1) External reference voltage for SDADC1, SDADC2, SDADC3 (negative input) 49 F12 VSSSD S (1) SDADC1, SDADC2, SDADC3 ground 31 23 VSSSD/ VREFSD- S SDADC1, SDADC2, SDADC3 ground / External reference voltage for SDADC1, SDADC2, SDADC3 (negative input) 50 G12 VDDSD12 S (1) SDADC1 and SDADC2 power supply 32 24 VDDSD S SDADC1, SDADC2, SDADC3 power supply 51 L12 VDDSD3 S (1) SDADC3 power supply Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |