| データシートサーチシステム |
|
APT20M20LLL データシート(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT20M20LLL データシート(HTML) 3 Page - Microsemi Corporation |
|
3 / 5 page ![]() APT20M20B2LL_LLL Typical Performance Curves 250 200 150 100 50 0 1.40 1.30 1.20 1.10 1.00 0.90 0.80 1.15 1.10 1.05 1.00 0.95 0.90 1.2 1.1 1.0 0.9 0.8 0.7 0.6 6V 5.5V 7.5V 6.5 VGS =15 &10V 7V 9V VGS=10V VGS=20V TJ = +125°C TJ = +25°C TJ = -55°C VDS> ID (ON) x RDS(ON) MAX. 250 µSEC. PULSE TEST @ <0.5 % DUTY CYCLE V DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL FIGURE 3,LOW VOLTAGE OUTPUTCHARACTERISTICS V GS, GATE-TO-SOURCE VOLTAGE (VOLTS) I D, DRAIN CURRENT (AMPERES) FIGURE4, TRANSFERCHARACTERISTICS FIGURE 5, R DS(ON)vs DRAIN CURRENT T C, CASE TEMPERATURE (°C) T J, JUNCTION TEMPERATURE (°C) FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE T J, JUNCTION TEMPERATURE (°C) T C, CASE TEMPERATURE (°C) FIGURE 8, R DS(ON) vs. TEMPERATURE FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE 0 5 10 15 20 25 30 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 200 180 160 140 120 100 80 60 40 20 0 120 100 80 60 40 20 0 2.5 2.0 1.5 1.0 0.5 0.0 NORMALIZED TO V GS = 10V @ ID = 50A I D = 50A V GS = 10V 0.0844 0.138 0.0124F 0.218F Power (Watts) RC MODEL Junction temp. ( ”C) Case temperature |