データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APA450 データシート(PDF) 8 Page - Microsemi Corporation

部品番号 APA450
部品情報  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA450 データシート(HTML) 8 Page - Microsemi Corporation

Back Button APA450 Datasheet HTML 4Page - Microsemi Corporation APA450 Datasheet HTML 5Page - Microsemi Corporation APA450 Datasheet HTML 6Page - Microsemi Corporation APA450 Datasheet HTML 7Page - Microsemi Corporation APA450 Datasheet HTML 8Page - Microsemi Corporation APA450 Datasheet HTML 9Page - Microsemi Corporation APA450 Datasheet HTML 10Page - Microsemi Corporation APA450 Datasheet HTML 11Page - Microsemi Corporation APA450 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 178 page
background image
ProASICPLUS Flash Family FPGAs
1- 4
v5.9
Data Sheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as "Product Brief," "Advanced," "Production," and "Datasheet
Supplement." The definition of these categories are as follows:
Product Brief
The product brief is a summarized version of a datasheet (advanced or production) containing general product
information. This brief gives an overview of specific device and family information.
Advance
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Datasheet Supplement
The datasheet supplement gives specific device information for a derivative family that differs from the general family
datasheet. The supplement is to be used in conjunction with the datasheet to obtain more detailed information and
for specifications that do not differ between the two families.
Export Administration Regulations (EAR)
The products described in this datasheet are subject to the Export Administration Regulations (EAR). They could
require an approved export license prior to export from the United States. An export includes release of product or
disclosure of technology to a foreign national inside or outside the United States.
Actel Safety Critical, Life Support, and High-Reliability Applications
Policy
The Actel products described in this advance status datasheet may not have completed Actel’s qualification process.
Actel may amend or enhance products during the product introduction and qualification process, resulting in changes
in device functionality or performance. It is the responsibility of each customer to ensure the fitness of any Actel
product (but especially a new product) for a particular purpose, including appropriateness for safety-critical, life-
support, and other high-reliability applications. Consult Actel’s Terms and Conditions for specific liability exclusions
relating to life-support applications. A reliability report covering all of Actel’s products is available on the Actel
website at http://www.actel.com/documents/ORT_Report.pdf. Actel also offers a variety of enhanced qualification and
lot acceptance screening procedures. Contact your local Actel sales office for additional reliability information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More