| データシートサーチシステム |
|
AX2000 データシート(PDF) 254 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 データシート(HTML) 254 Page - Microsemi Corporation |
|
254 / 262 page ![]() Package Pin Assignments 3- 12 8 R ev isio n 1 8 VCCIB2 D23 VCCIB2 E22 VCCIB2 K17 VCCIB2 L17 VCCIB2 M16 VCCIB3 AA22 VCCIB3 AB23 VCCIB3 AC24 VCCIB3 AC25 VCCIB3 P16 VCCIB3 R17 VCCIB3 T17 VCCIB4 AB21 VCCIB4 AC22 VCCIB4 AD23 VCCIB4 AE23 VCCIB4 T14 VCCIB4 U15 VCCIB4 U16 VCCIB5 AB5 VCCIB5 AC4 VCCIB5 AD3 VCCIB5 AE3 VCCIB5 T12 VCCIB5 U10 VCCIB5 U11 VCCIB6 AA4 VCCIB6 AB3 VCCIB6 AC1 VCCIB6 AC2 VCCIB6 P10 VCCIB6 R9 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCIB6 T9 VCCIB7 C1 VCCIB7 C2 VCCIB7 D3 VCCIB7 E4 VCCIB7 K9 VCCIB7 L9 VCCIB7 M10 VCCPLA E12 VCCPLB J12 VCCPLC E14 VCCPLD H14 VCCPLE Y14 VCCPLF U14 VCCPLG Y12 VCCPLH U12 VCOMPLA F12 VCOMPLB H12 VCOMPLC F14 VCOMPLD J14 VCOMPLE AA14 VCOMPLF V14 VCOMPLG AA12 VCOMPLH V12 VPUMP E20 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |