| データシートサーチシステム |
|
APT43GA90B データシート(PDF) 39 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT43GA90B データシート(HTML) 39 Page - Microsemi Corporation |
|
39 / 44 page ![]() 39 Package Outlines Pin out location depends on the module configuration. Please refer to the product datasheet for pins assignment. All dimensions in millimeters. ISOTOP® is a registered trademark of SGS Thomson Refer to web page for additional package outline drawings Revised 8/29/97 Revised 4/18/95 Ca th o d e An o d e C a thode D3 Pak or TO-268 TO-220 [KF] TO-220 2-Lead TO-220 3-Lead TO-247 3-Lead TO-247 2-Lead T-MAX® TO-264 264 MAX™ ISOTOP® or SOT-227 |