データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP24833 データシート(PDF) 15 Page - Monolithic Power Systems

部品番号 MP24833
部品情報  3A, 55V White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24833 データシート(HTML) 15 Page - Monolithic Power Systems

Back Button MP24833 Datasheet HTML 8Page - Monolithic Power Systems MP24833 Datasheet HTML 9Page - Monolithic Power Systems MP24833 Datasheet HTML 10Page - Monolithic Power Systems MP24833 Datasheet HTML 11Page - Monolithic Power Systems MP24833 Datasheet HTML 12Page - Monolithic Power Systems MP24833 Datasheet HTML 13Page - Monolithic Power Systems MP24833 Datasheet HTML 14Page - Monolithic Power Systems MP24833 Datasheet HTML 15Page - Monolithic Power Systems MP24833 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP24833 – 3A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP24833 Rev. 1.0
www.MonolithicPower.com
15
11/28/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The inductance is 75uH, select a 68uH inductor,
the current ripple of inductor is about 0.88A. The
peak current of inductor is:
L_peak
L_AVG
L
1
II
ΔI
2
=+
The peak current is about 2.5A. Select an
inductor with saturation current around 3A.
Select Input and Output Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Select a capacitance that
can limit the input voltage ripple
ΔVIN, which is
normally less than 5% to 10% of the DC value.
LED
OUT
IN
sIN
IN
OUT
IV
C
fV
(V
V
)
>
⋅Δ
+
The output capacitor keeps the output voltage
ripple
ΔVOUT small (normally less than 1% to 5%
of the DC value) and ensures feedback loop
stability.
LED
OUT
OUT
sOUT
IN
OUT
IV
C
fV
(V
V
)
>
⋅Δ
+
Use two 2.2uF/50V X7R ceramic capacitors in
parallel as the input capacitor, and use a
4.7uF/50V X7R ceramic capacitor as the output
capacitor.
Select Rectifier Diode
Use a Schottky diode as the rectifier diode.
Select a diode that can withstand voltage stress
higher than 48V, and the current limit higher than
the output current. Use B360 in this application.
Setting Open Voltage Protection
Set the OVP point 20% higher than maximum
output voltage by voltage divider.
OVP1
OVP2
OVP
OVP2
RR
V1.2V
R
+
The OVP setting resistor is R9=10kΩ and
R8=226kΩ
PCB LAYOUT
Layout is based on EV24833-N-00A
Figure 7—Top Layer
Figure 8—Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com