| データシートサーチシステム |
|
AD5160BRJZ50-R22 データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5160BRJZ50-R22 データシート(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD5160 Rev. B | Page 16 of 16 OUTLINE DIMENSIONS COMPLIANT TO JEDEC STANDARDS MO-178-BA 8° 4° 0° SEATING PLANE 3.00 2.90 2.80 76 12 34 5 1.95 BSC 0.65 BSC 0.60 BSC 3.00 2.80 2.60 1.70 1.60 1.50 1.30 1.15 0.90 0.15 MAX 0.05 MIN 1.45 MAX 0.95 MIN 0.22 MAX 0.08 MIN 0.38 MAX 0.22 MIN 0.60 0.45 0.30 PIN 1 INDICATOR 8 Figure 43. 8-Lead Small Outline Transistor Package [SOT-23] (RJ-8) Dimensions shown in millimeters ORDERING GUIDE Model1 RAB (Ω) Temperature Package Description Package Option Branding AD5160BRJZ5-R22 5 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D6Q AD5160BRJZ5-RL72 5 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D6Q AD5160BRJZ10-R22 10 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D09 AD5160BRJZ10-RL72 10 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D09 AD5160BRJZ50-R22 50 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D8J AD5160BRJZ50-RL72 50 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D8J AD5160BRJZ100-R22 100 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D0B AD5160BRJZ100-RL72 100 k −40°C to +125°C 8-Lead SOT-23 RJ-8 D0B AD5160EVAL3 Evaluation Board 1 The AD5160 contains 2532 transistors. Die size: 30.7 mil × 76.8 mil = 2358 sq. mil. 2 Z = RoHS Compliant Part. 3 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options. ©2003–2009 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D03434-0-5/09(B) |