データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP44010 データシート(PDF) 12 Page - Monolithic Power Systems

部品番号 MP44010
部品情報  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010 データシート(HTML) 12 Page - Monolithic Power Systems

Back Button MP44010 Datasheet HTML 6Page - Monolithic Power Systems MP44010 Datasheet HTML 7Page - Monolithic Power Systems MP44010 Datasheet HTML 8Page - Monolithic Power Systems MP44010 Datasheet HTML 9Page - Monolithic Power Systems MP44010 Datasheet HTML 10Page - Monolithic Power Systems MP44010 Datasheet HTML 11Page - Monolithic Power Systems MP44010 Datasheet HTML 12Page - Monolithic Power Systems MP44010 Datasheet HTML 13Page - Monolithic Power Systems MP44010 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
12
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Case 2:
At light load, the power loss can be saved by
inserting LN60A01 to disconnect the resistor of
voltage divider. The implement circuit is shown in
the Figure 7.
At light load, the pin 9 of HR1000 is asserted low
when it operates at burst mode, and the signal
generated from pin 9 is applied to synchronize
the ON/OFF of MP44010; it also can drive
LN60A1 to connect or disconnect resistor of
voltage divider at the same time. And the control
signal of LN60A01 also can be external signal
from MCU system. For more details, please refer
to AN of MP44010.
VCC
MP44010
HR1000
AC
input
GND
Vbus
LN60A01
Control Signal
7
7
3
1
5
1
8
5
6
7
4
3
1
2
9
Figure 7—Power Consumption Reduction with LN60A01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14