| データシートサーチシステム |
|
AD976ARS データシート(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD976ARS データシート(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() AD976/AD976A –13– REV. C DC CODE UNCERTAINTY Ideally, a fixed dc input should result in the same output code for repetitive conversions; however, as a consequence of un- avoidable circuit noise within the wideband circuits of the ADC, a range of output codes may occur for a given input voltage. Thus, when a dc signal is applied to the AD976/AD976A input, and 10,000 conversions are recorded, the result will be a distri- bution of codes as shown in Figure 19. This histogram shows a bell-shaped curve consistent with the Gaussian nature of ther- mal noise. The histogram is approximately seven codes wide. The standard deviation of this Gaussian distribution results in a code transition noise of 1 LSB rms. 4000 3500 0 –3 2000 1500 1000 500 3000 2500 –2 –1 0 1 2 3 4 Figure 19. Histogram of 10,000 Conversions of a DC Input MICROPROCESSOR INTERFACING The AD976/AD976A is ideally suited for traditional dc mea- surement applications supporting a microprocessor and ac signal processing applications interfacing to a digital signal processor. The AD976/AD976A is designed to interface with a 16-bit data bus and provides all output data bits in a single read cycle. A variety of external buffers can be used with the AD976/AD976A to prevent bus noise from coupling into the ADC. The following sections illustrate the use of the AD976/AD976A with the MC68000 and 8051 microcontrollers and the TMS320C25 and ADSP-2111 signal processors. MC68000 Interface Figure 20 shows a general interface diagram for the MC68000 16-bit microprocessor to the AD976/AD976A. In Figure 20, conversion is initiated by bringing CSA low (i.e., writing to the appropriate address). This allows the processor to maintain control over the complete conversion process. ADDRESS BUS *ADDITIONAL PINS OMITTED FOR CLARITY DATA BUS DB15 DB0 BUSY AD976/ AD976A R/ C BUS 74HC374 OE Q15 Q0 D0 D15 CLK EN ADDR DECODE A0 A15 D15 D0 68000 R/W AS Figure 20. AD976/AD976A to 68000 Interface 250 0 150 100 200 50 POSITIVE DNL DISTRIBUTION – LSB Figure 17. Typical Position DNL Distribution (1516 Units) 140 0 80 20 120 100 NEGATIVE DNL DISTRIBUTION – LSB 60 40 Figure 18. Typical Negative DNL Distribution (1516 Units) |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |