| データシートサーチシステム |
|
PIC24HJ128GP310 データシート(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 データシート(HTML) 68 Page - Microchip Technology |
|
68 / 286 page ![]() PIC24HJXXXGPX06/X08/X10 DS70175F-page 66 © 2007 Microchip Technology Inc. FIGURE 6-1: PIC24HJXXXGPX06/X08/X10 INTERRUPT VECTOR TABLE Reset – GOTO Instruction 0x000000 Reset – GOTO Address 0x000002 Reserved 0x000004 Oscillator Fail Trap Vector Address Error Trap Vector Stack Error Trap Vector Math Error Trap Vector DMA Error Trap Vector Reserved Reserved Interrupt Vector 0 0x000014 Interrupt Vector 1 ~ ~ ~ Interrupt Vector 52 0x00007C Interrupt Vector 53 0x00007E Interrupt Vector 54 0x000080 ~ ~ ~ Interrupt Vector 116 0x0000FC Interrupt Vector 117 0x0000FE Reserved 0x000100 Reserved 0x000102 Reserved Oscillator Fail Trap Vector Address Error Trap Vector Stack Error Trap Vector Math Error Trap Vector DMA Error Trap Vector Reserved Reserved Interrupt Vector 0 0x000114 Interrupt Vector 1 ~ ~ ~ Interrupt Vector 52 0x00017C Interrupt Vector 53 0x00017E Interrupt Vector 54 0x000180 ~ ~ ~ Interrupt Vector 116 Interrupt Vector 117 0x0001FE Start of Code 0x000200 Interrupt Vector Table (IVT)(1) Alternate Interrupt Vector Table (AIVT)(1) Note 1: See Table 6-1 for the list of implemented interrupt vectors. |