| データシートサーチシステム |
|
PIC24HJ128GP310 データシート(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 データシート(HTML) 69 Page - Microchip Technology |
|
69 / 286 page ![]() © 2007 Microchip Technology Inc. DS70175F-page 67 PIC24HJXXXGPX06/X08/X10 TABLE 6-1: INTERRUPT VECTORS Vector Number Interrupt Request (IRQ) Number IVT Address AIVT Address Interrupt Source 8 0 0x000014 0x000114 INT0 – External Interrupt 0 9 1 0x000016 0x000116 IC1 – Input Compare 1 10 2 0x000018 0x000118 OC1 – Output Compare 1 11 3 0x00001A 0x00011A T1 – Timer1 12 4 0x00001C 0x00011C DMA0 – DMA Channel 0 13 5 0x00001E 0x00011E IC2 – Input Capture 2 14 6 0x000020 0x000120 OC2 – Output Compare 2 15 7 0x000022 0x000122 T2 – Timer2 16 8 0x000024 0x000124 T3 – Timer3 17 9 0x000026 0x000126 SPI1E – SPI1 Error 18 10 0x000028 0x000128 SPI1 – SPI1 Transfer Done 19 11 0x00002A 0x00012A U1RX – UART1 Receiver 20 12 0x00002C 0x00012C U1TX – UART1 Transmitter 21 13 0x00002E 0x00012E ADC1 – A/D Converter 1 22 14 0x000030 0x000130 DMA1 – DMA Channel 1 23 15 0x000032 0x000132 Reserved 24 16 0x000034 0x000134 SI2C1 – I2C1 Slave Events 25 17 0x000036 0x000136 MI2C1 – I2C1 Master Events 26 18 0x000038 0x000138 Reserved 27 19 0x00003A 0x00013A CN - Change Notification Interrupt 28 20 0x00003C 0x00013C INT1 – External Interrupt 1 29 21 0x00003E 0x00013E ADC2 – A/D Converter 2 30 22 0x000040 0x000140 IC7 – Input Capture 7 31 23 0x000042 0x000142 IC8 – Input Capture 8 32 24 0x000044 0x000144 DMA2 – DMA Channel 2 33 25 0x000046 0x000146 OC3 – Output Compare 3 34 26 0x000048 0x000148 OC4 – Output Compare 4 35 27 0x00004A 0x00014A T4 – Timer4 36 28 0x00004C 0x00014C T5 – Timer5 37 29 0x00004E 0x00014E INT2 – External Interrupt 2 38 30 0x000050 0x000150 U2RX – UART2 Receiver 39 31 0x000052 0x000152 U2TX – UART2 Transmitter 40 32 0x000054 0x000154 SPI2E – SPI2 Error 41 33 0x000056 0x000156 SPI1 – SPI1 Transfer Done 42 34 0x000058 0x000158 C1RX – ECAN1 Receive Data Ready 43 35 0x00005A 0x00015A C1 – ECAN1 Event 44 36 0x00005C 0x00015C DMA3 – DMA Channel 3 45 37 0x00005E 0x00015E IC3 – Input Capture 3 46 38 0x000060 0x000160 IC4 – Input Capture 4 47 39 0x000062 0x000162 IC5 – Input Capture 5 48 40 0x000064 0x000164 IC6 – Input Capture 6 49 41 0x000066 0x000166 OC5 – Output Compare 5 50 42 0x000068 0x000168 OC6 – Output Compare 6 51 43 0x00006A 0x00016A OC7 – Output Compare 7 52 44 0x00006C 0x00016C OC8 – Output Compare 8 53 45 0x00006E 0x00016E Reserved |