データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7106CLW データシート(PDF) 24 Page - Microchip Technology

部品番号 TC7106CLW
部品情報  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106CLW データシート(HTML) 24 Page - Microchip Technology

Back Button TC7106CLW Datasheet HTML 20Page - Microchip Technology TC7106CLW Datasheet HTML 21Page - Microchip Technology TC7106CLW Datasheet HTML 22Page - Microchip Technology TC7106CLW Datasheet HTML 23Page - Microchip Technology TC7106CLW Datasheet HTML 24Page - Microchip Technology TC7106CLW Datasheet HTML 25Page - Microchip Technology TC7106CLW Datasheet HTML 26Page - Microchip Technology TC7106CLW Datasheet HTML 27Page - Microchip Technology TC7106CLW Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 24
© 2008 Microchip Technology Inc.
11.0
PACKAGING INFORMATION
11.1
Package Marking Information
44-Pin PLCC
1
Example:
40-Pin PDIP
XXXXXXXXXXX
XXXXXXXXXXX
XXXXXXXXXXX
M
*h
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example:
44-Pin MQFP
Example:
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
M
XXXXXXXXXX
TC106CKW
^^0743256
M
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
YYWWNNN
TC7106CLW
M
^^0743256
*h
TC7106CPL^^
0743256
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34