| データシートサーチシステム |
|
TC7106CPL データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7106CPL データシート(HTML) 24 Page - Microchip Technology |
|
24 / 34 page ![]() TC7106/A/TC7107/A DS21455D-page 24 © 2008 Microchip Technology Inc. 11.0 PACKAGING INFORMATION 11.1 Package Marking Information 44-Pin PLCC 1 Example: 40-Pin PDIP XXXXXXXXXXX XXXXXXXXXXX XXXXXXXXXXX M *h XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN Example: 44-Pin MQFP Example: XXXXXXXXXX XXXXXXXXXX YYWWNNN M XXXXXXXXXX TC106CKW ^^0743256 M Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e YYWWNNN TC7106CLW M ^^0743256 *h TC7106CPL^^ 0743256 3 e 3 e |