| データシートサーチシステム |
|
LPC2104FBD48 データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2104FBD48 データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 41 page ![]() LPC2104_2105_2106_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 20 June 2008 25 of 41 NXP Semiconductors LPC2104/2105/2106 Single-chip 32-bit microcontrollers 6.19.3 RealMonitor RealMonitor is a configurable software module, developed by ARM Inc., which enables real time debug. It is a lightweight debug monitor that runs in the background while users debug their foreground application. It communicates with the host using the DCC (Debug Communications Channel), which is present in the EmbeddedICE logic. The LPC2104/2105/2106 contain a specific configuration of RealMonitor software programmed into the on-chip flash memory. |