データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM28F256A データシート(PDF) 35 Page - Advanced Micro Devices

部品番号 AM28F256A
部品情報  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256A データシート(HTML) 35 Page - Advanced Micro Devices

Back Button AM28F256A Datasheet HTML 27Page - Advanced Micro Devices AM28F256A Datasheet HTML 28Page - Advanced Micro Devices AM28F256A Datasheet HTML 29Page - Advanced Micro Devices AM28F256A Datasheet HTML 30Page - Advanced Micro Devices AM28F256A Datasheet HTML 31Page - Advanced Micro Devices AM28F256A Datasheet HTML 32Page - Advanced Micro Devices AM28F256A Datasheet HTML 33Page - Advanced Micro Devices AM28F256A Datasheet HTML 34Page - Advanced Micro Devices AM28F256A Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Am28F256A
35
DATA SHEET REVISION SUMMARY FOR
AM28F256A
Deleted -75, -95, and -250 speed options. Matched for-
matting to other current data sheets.
Revision C+1
Programming In A PROM Programmer:
Deleted the paragraph “(Refer to the AUTO SELECT
paragraph in the ERASE, PROGRAM, and READ
MODE section for programming the Flash memory de-
vice in-system).”
Revision C+2
Product Selector Guide
Corrected maximum access time for -200 to 200 ns.
Erase and Programming Performance
Chip Programming Time—Typical: Changed value
from 2 to 0.5 sec.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35