| データシートサーチシステム |
|
AD9549 データシート(PDF) 69 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549 データシート(HTML) 69 Page - Analog Devices |
|
69 / 76 page ![]() AD9549 Rev. D | Page 69 of 76 Register 0x0328—Reference OOL (Continued) Table 108. Bits Bit Name Description [7:0] REFA OOL lower limit See the Reference Frequency Monitor section. Register 0x0329—Reference OOL (Continued) Table 109. Bits Bit Name Description [15:8] REFA OOL lower limit See the Reference Frequency Monitor section. Register 0x032A—Reference OOL (Continued) Table 110. Bits Bit Name Description [23:16] REFA OOL lower limit See the Reference Frequency Monitor section. Register 0x032B—Reference OOL (Continued) Table 111. Bits Bit Name Description [31:24] REFA OOL lower limit See the Reference Frequency Monitor section. Register 0x032C—Reference OOL (Continued) Table 112. Bits Bit Name Description [7:0] REFB OOL divider See the Reference Frequency Monitor section. Register 0x032C is the LSB, and Register 0x032D is the MSB. Register 0x032D—Reference OOL (Continued) Table 113. Bits Bit Name Description [15:8] REFB OOL divider See the Reference Frequency Monitor section. Register 0x032C is the LSB, and Register 0x032D is the MSB. Register 0x032E—Reference OOL (Continued) Table 114. Bits Bit Name Description [7:0] REFB OOL upper limit See the Reference Frequency Monitor section. Register 0x032F—Reference OOL (Continued) Table 115. Bits Bit Name Description [15:8] REFB OOL upper limit See the Reference Frequency Monitor section. Register 0x0330—Reference OOL (Continued) Table 116. Bits Bit Name Description [23:16] REFB OOL upper limit See the Reference Frequency Monitor section. Register 0x0331—Reference OOL (Continued) Table 117. Bits Bit Name Description [31:24] REFB OOL upper limit See the Reference Frequency Monitor section. |