データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F080B-75SC データシート(PDF) 31 Page - Advanced Micro Devices

部品番号 AM29F080B-75SC
部品情報  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-75SC データシート(HTML) 31 Page - Advanced Micro Devices

Back Button AM29F080B-75SC Datasheet HTML 27Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 28Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 29Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 30Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 31Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 32Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 33Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 34Page - Advanced Micro Devices AM29F080B-75SC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Am29F080B
31
P R E L I M I NARY
AC CHARACTERISTICS
Erase and Program Operations
Alternate CE# Controlled Writes
Notes:
1. Not 100% tested.
2. See the “Erase And Programming Performance” section for more information.
Parameter Symbol
Parameter Description
Speed Options
Unit
JEDEC
Standard
-75
-90
-120
-150
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
120
150
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
40
45
50
50
ns
tDVEH
tDS
Data Setup Time
Min
40
45
50
50
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
0
ns
tWLEL
tWS
CE# Setup Time
Min
0
ns
tEHWH
tWH
CE# Hold Time
Min
0
ns
tELEH
tCP
Write Pulse Width
Min
40
45
50
50
ns
tEHEL
tCPH
Write Pulse Width High
Min
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
1
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37