データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F010-90FC データシート(PDF) 2 Page - Advanced Micro Devices

部品番号 AM29F010-90FC
部品情報  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-90FC データシート(HTML) 2 Page - Advanced Micro Devices

  AM29F010-90FC Datasheet HTML 1Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 2Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 3Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 4Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 5Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 6Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 7Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 8Page - Advanced Micro Devices AM29F010-90FC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
Am29F010
GENERAL DESCRIPTION
The Am29F010 is a 1 Mbit, 5.0 Volt-only Flash memory
organized as 131,072 bytes. The Am29F010 is offered
in 32-pin PLCC, TSOP, and PDIP packages. The byte-
wide data appears on DQ0-DQ7. The device is de-
signed to be programmed in-system with the standard
system 5.0 Volt VCC supply. A 12.0 volt VPP is not re-
quired for program or erase operations. The device can
also be programmed or erased in standard EPROM
programmers.
The standard device offers access times of 45, 55, 70,
90, and 120 ns, allowing high-speed microprocessors
to operate without wait states. To eliminate bus con-
tention the device has separate chip enable (CE#),
write enable (WE#) and output enable (OE) controls.
The device requires only a single 5.0 volt power sup-
ply for both read and write functions. Internally gener-
ated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using stan-
dard microprocessor write timings. Register contents
serve as input to an internal state machine that controls
the erase and programming circuitry. Write cycles also
internally latch addresses and data needed for the pro-
gramming and erase operations. Reading data out of
the device is similar to reading from other Flash or
EPROM devices.
Device programming occurs by executing the program
command sequence. This invokes the Embedded
Program algorithm—an internal algorithm that auto-
matically times the program pulse widths and verifies
proper cell margin.
Device erasure occurs by executing the erase com-
mand sequence. This invokes the Embedded Erase
algorithm—an internal algorithm that automatically pre-
programs the array (if it is not already programmed) be-
fore executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready
to read array data or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is erased
when shipped from the factory.
The hardware data protection measures include a
low VCC detector automatically inhibits write operations
during power transitions. The hardware sector pro-
tection feature disables both program and erase oper-
ations in any combination of the sectors of memory,
and is implemented using standard EPROM program-
mers.
The system can place the device into the standby mode.
Power consumption is greatly reduced in this mode.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce the
highes t lev e ls of qualit y, re liabilit y, and c o s t
effectiveness. The device electrically erases all bits
within a sector simultaneously via Fowler-Nordheim
tunneling. The bytes are programmed one byte at a
time using the EPROM programming mechanism of
hot electron injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31