データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F100B-150FC データシート(PDF) 32 Page - Advanced Micro Devices

部品番号 AM29F100B-150FC
部品情報  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100B-150FC データシート(HTML) 32 Page - Advanced Micro Devices

Back Button AM29F100B-150FC Datasheet HTML 28Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 29Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 30Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 31Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 32Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 33Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 34Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 35Page - Advanced Micro Devices AM29F100B-150FC Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
Am29F100
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7# = Complement of Data Input, DOUT = Array Data.
2. Figure indicates the last two bus cycles of the command sequence, with the device in word mode.
18926C-21
Figure 18.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36