| データシートサーチシステム |
|
ZSSC3036CC1C データシート(PDF) 32 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZSSC3036CC1C データシート(HTML) 32 Page - List of Unclassifed Manufacturers |
|
32 / 49 page ![]() ZSSC3036 Low-Power 16-Bit Sensor Signal Conditioner IC Data Sheet May 28, 2013 © 2013 Zentrum Mikroelektronik Dresden AG — Rev. 1.20 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 32 of 49 Start_CM command MemWr MemWr memory write customer address MemWr MemWr VPP MemRd MemRd memory read customer address tVPP tVPP Figure 3.11 Memory Program Operation 3.6.2. Memory Status Commands The 16-bit memory status answer for the commands: 20HEX to 37HEX and 80HEX to 8EHEX contains the following information: One bit indicating if the data read was corrected. Two bits indicating the current page in use. Table 3.7 Memory Status Word Bit Description 15 (MSB) Data was corrected (0: no, 1: yes) 14 Current page 13 12:0 Undefined – do not use |