| データシートサーチシステム |
|
AM29F040-120PI データシート(PDF) 27 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F040-120PI データシート(HTML) 27 Page - Advanced Micro Devices |
|
27 / 33 page ![]() Am29F040 27 SWITCHING WAVEFORMS Notes: 1. PA is address of the memory location to be programmed. 2. PD is data to be programmed at byte address. 3. DQ7 is the output of the complement of the data written to the device. 4. DOUT is the output of the data written to the device. 5. Figure indicates last two bus cycles of four bus cycle sequence. Figure 14. Alternate CE Controlled Program Operation Timings DOUT PD tAH Data Polling tDS tWS tCPH tDH tCP tGHEL Addresses WE OE CE Data 5.0 V DQ7 5555H PA A0H PA 17113E-19 tWC tAS tWHWH1 |