データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LL800BB-200SC データシート(PDF) 39 Page - Advanced Micro Devices

部品番号 AM29LL800BB-200SC
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LL800BB-200SC データシート(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LL800BB-200SC Datasheet HTML 32Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 33Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 34Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 35Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 36Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 37Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 38Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 39Page - Advanced Micro Devices AM29LL800BB-200SC Datasheet HTML 40Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Am29LL800B
39
ADV ANCE
I N FO RMAT I O N
PHYSICAL DIMENSIONS
SO 044—44-Pin Small Outline Package (measured in millimeters)
44
23
1
22
13.10
13.50
15.70
16.30
1.27 NOM.
28.00
28.40
2.17
2.45
0.35
0.50
0.10
0.35
2.80
MAX.
SEATING
PLANE
16-038-SO44-2
SO 044
DA82
11-9-95 lv
0.10
0.21
0.60
1.00
0
°
8
°
END VIEW
SIDE VIEW
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40