データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV160B データシート(PDF) 23 Page - Advanced Micro Devices

部品番号 AM29LV160B
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160B データシート(HTML) 23 Page - Advanced Micro Devices

Back Button AM29LV160B Datasheet HTML 19Page - Advanced Micro Devices AM29LV160B Datasheet HTML 20Page - Advanced Micro Devices AM29LV160B Datasheet HTML 21Page - Advanced Micro Devices AM29LV160B Datasheet HTML 22Page - Advanced Micro Devices AM29LV160B Datasheet HTML 23Page - Advanced Micro Devices AM29LV160B Datasheet HTML 24Page - Advanced Micro Devices AM29LV160B Datasheet HTML 25Page - Advanced Micro Devices AM29LV160B Datasheet HTML 26Page - Advanced Micro Devices AM29LV160B Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
22
Am29LV160B
device exits the autoselect mode, the device reverts to
the Erase Suspend mode, and is ready for another
valid operation. See “Autoselect Command Sequence”
for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the de-
vice has resumed erasing.
Notes:
1. See Table 9 for erase command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
21358G-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48