データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL800C データシート(PDF) 37 Page - Advanced Micro Devices

部品番号 AM29SL800C
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800C データシート(HTML) 37 Page - Advanced Micro Devices

Back Button AM29SL800C Datasheet HTML 33Page - Advanced Micro Devices AM29SL800C Datasheet HTML 34Page - Advanced Micro Devices AM29SL800C Datasheet HTML 35Page - Advanced Micro Devices AM29SL800C Datasheet HTML 36Page - Advanced Micro Devices AM29SL800C Datasheet HTML 37Page - Advanced Micro Devices AM29SL800C Datasheet HTML 38Page - Advanced Micro Devices AM29SL800C Datasheet HTML 39Page - Advanced Micro Devices AM29SL800C Datasheet HTML 40Page - Advanced Micro Devices AM29SL800C Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Am29SL800C
37
PR EL I M I NAR Y
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written, DOUT = data written
2. Figure indicates the last two bus cycles of command sequence.
3. Word mode address used as an example.
22230A-28
Figure 24.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41