データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM7969 データシート(PDF) 98 Page - Advanced Micro Devices

部品番号 AM7969
部品情報  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 データシート(HTML) 98 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 94Page - Advanced Micro Devices AM7969 Datasheet HTML 95Page - Advanced Micro Devices AM7969 Datasheet HTML 96Page - Advanced Micro Devices AM7969 Datasheet HTML 97Page - Advanced Micro Devices AM7969 Datasheet HTML 98Page - Advanced Micro Devices AM7969 Datasheet HTML 99Page - Advanced Micro Devices AM7969 Datasheet HTML 100Page - Advanced Micro Devices AM7969 Datasheet HTML 101Page - Advanced Micro Devices AM7969 Datasheet HTML 102Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 127 page
background image
94
TAXIchip Integrated Circuits Technical Manual
APPENDIX C
TAXI Technical Information Publications
The TAXI applications team has documented questions and answers that are general
purpose in nature and applicable to a wide range of applications. This documentation
has taken the form of TAXI Technical Information Publications (TlPs), and have been
incorporated in this revision of the technical manual. The contents of this appendix are
as follows:
TAXI TIP # 1:
Subject: Receiver Response to Loss of Input Signal
TAXI TIP # 2:
Subject: TAXlchip
RESET Pin Function
TAXI TIP # 3:
Subject: Proper Use for TAXI Sync
TAXI TIP # 4:
Subject: TAXI PLL Lock-Up During Power-On!
TAXI TIP # 5:
Subject: TAXIchip set Crystal Specification
TAXI TIP # 6:
Subject: TAXI for FDDI Applications
TAXI TIP # 7:
Subject: Synchronous vs. Asynchronous Strobe
TAXI TIP # 8:
Subject: TAXI Receiver Lock Time
TAXI TIP # 9:
Subject: TAXI Bridge: Bidirectional TAXI Communication
TAXI TIP # 10:
Subject: TAXI Receiver CSTRB and DSTRB Pulse Width
TAXI TIP # 11:
Subject: Using Receiver CLK Output to Run a TAXlchip Transmitter
TAXI TIP # 12:
Subject: TAXlchip Pins Internal Circuit
TAXI TIP # 13
Subject: Demuxing a TAXIchip Receiver to Output Multi-Byte Words
TAXI TIP # 14
Subject: 32-Bit Multiplexed Cascade with the TAXIchip Transmitter
TAXI TIP # 15
Subject: General Device Information for 125/175 MHz TAXIchips
TAXI E.B. Nov ‘89:
Subject: TAXlchip Error Rate Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More