データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM7969 データシート(PDF) 127 Page - Advanced Micro Devices

部品番号 AM7969
部品情報  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 データシート(HTML) 127 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 119Page - Advanced Micro Devices AM7969 Datasheet HTML 120Page - Advanced Micro Devices AM7969 Datasheet HTML 121Page - Advanced Micro Devices AM7969 Datasheet HTML 122Page - Advanced Micro Devices AM7969 Datasheet HTML 123Page - Advanced Micro Devices AM7969 Datasheet HTML 124Page - Advanced Micro Devices AM7969 Datasheet HTML 125Page - Advanced Micro Devices AM7969 Datasheet HTML 126Page - Advanced Micro Devices AM7969 Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 127 / 127 page
background image
AMD
123
TAXIchip Integrated Circuits Technical Manual
Board #4 failed on another occasion after the errors indicated above, but this failure was
due to a power supply failure. Failure time was subtracted from the total run time, and
errors were not indicated in the total. Also, boards #2 and #4 ran over 1,000 hours each
without any error after the only noted error occurrence.
CONCLUSION
The fives sets of TAXI Transmitters and Receivers have run a sum total of 7,000 hours
(3.15 x 1014 bytes) with two error events.
Figure 20
TAXI K2 Board Transmit/Receive Section
TAXI
TX
ROM
TAXI
TX
ROM and
Comparator
AB
12330E-57
VCC
VCC
Note:
TAXI K2 board includes both TAXI TX and TAXI RX. Each half may be used independently or with other
boards with matching ROM data patterns. For the test described above, FDDI DDJ ROM patterns were used.
TAXI TX
TAXI RX
SETUP 1
5
5
SETUP 2
4–6 Variable
4–6 Variable
4–6 Variable
4–6 Variable
SETUP 3
4
6
64
VCC Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More