| データシートサーチシステム |
|
AM79C30AJC データシート(PDF) 44 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C30AJC データシート(HTML) 44 Page - Advanced Micro Devices |
|
44 / 101 page ![]() 44 Am79C30A/32A Data Sheet D-Channel Mode Register 4 — (DMR4) — Read/Write Address = Indirect 8FH Note: The receiver and transmitter thresholds can only be changed when the Am79C30A/32A is in Idle mode. Address Status Register — (ASR) — Read Only Address = Indirect 91H Table 42. D-Channel Mode Register 4 Bit Control Function 7 6 5 4 3 2 1 0 X X X X X X 0 0 Receiver Threshold 1 byte (EFCR bit 0 = 0) 1 byte (EFCR bit 0 = 1) X X X X X X 0 1 2 bytes (EFCR bit 0 = 0) 16 bytes (EFCR bit 0 = 1) X X X X X X 1 0 4 bytes (EFCR bit 0 = 0) 24 bytes (EFCR bit 0 = 1) X X X X X X 1 1 8 bytes (EFCR bit 0 = 0) 30 bytes (EFCR bit 0 = 1) X X X X 0 0 X X Transmitter Threshold 1 byte (EFCR bit 0 = 0) 1 byte (EFCR bit 0 = 1) X X X X 0 1 X X 2 bytes (EFCR bit 0 = 0) 6 bytes (EFCR bit 0 = 1) X X X X 1 0 X X 4 bytes (EFCR bit 0 = 0) 10 bytes (EFCR bit 0 = 1) X X X X 1 1 X X 8 bytes (EFCR bit 0 = 0) 14 bytes (EFCR bit 1 = 1) X X X 0 X X X X Interframe Fill Mark Idle (default value) X X X 1 X X X X Flag Idle X X 0 X X X X X Address Recognition 2-byte (default value) 0 X 1 X X X X X First Received Byte only 1 X 1 X X X X X Second Received Byte only X 0 X X X X X X C/R Bit Compare Disable FRAR bit 1 compare (default value) X 1 X X X X X X Enable FRAR bit 1 compare Table 43. Address Status Register Bit Logical 1 Logical 0 (Default Value) 0 FRAR1/SRAR1 address recognized No FRAR1/SRAR1 address match 1 FRAR2/SRAR2 address recognized No FRAR2/SRAR2 address match 2 FRAR3/SRAR3 address recognized No FRAR3/SRAR3 address match 3 FRAR4/SRAR4 address recognized No FRAR4/SRAR4 address match 4–7 Reserved Reserved |