データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C90 データシート(PDF) 2 Page - Advanced Micro Devices

部品番号 AM79C90
部品情報  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 データシート(HTML) 2 Page - Advanced Micro Devices

  AM79C90 Datasheet HTML 1Page - Advanced Micro Devices AM79C90 Datasheet HTML 2Page - Advanced Micro Devices AM79C90 Datasheet HTML 3Page - Advanced Micro Devices AM79C90 Datasheet HTML 4Page - Advanced Micro Devices AM79C90 Datasheet HTML 5Page - Advanced Micro Devices AM79C90 Datasheet HTML 6Page - Advanced Micro Devices AM79C90 Datasheet HTML 7Page - Advanced Micro Devices AM79C90 Datasheet HTML 8Page - Advanced Micro Devices AM79C90 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
AMD
P R E L I M I N A R Y
2
Am79C90
RELATED AMD PRODUCTS
Part No.
Description
Am7996
IEEE 802.3/Ethernet/Cheapernet Tap Transceiver
Am79C100
Twisted-Pair Ethernet Transceiver Plus (TPEX+)
Am79C900
Integrated Local Area Communications Controller
TM (ILACCTM)
Am79C940
Media Access Controller for Ethernet (MACE
TM)
Am79C960
PCnet-ISA Single-Chip Ethernet Controller (for ISA bus)
Am79C961
PCnet-ISA Single-Chip Ethernet Controller (with Microsoft® Plug n’ Play support)
Am79C965
PCnet-32 Single-Chip 32-Bit Ethernet Controller (for 386DX, 486 and VL buses)
Am79C970
PCnet-PCI Single-Chip Ethernet Controller (for PCI bus)
Am79C974
PCnet-SCSI Combination Ethernet and SCSI Controller for PCI Systems
Am79C98
Twisted-Pair Ethernet Transceiver (TPEX)
Am79C981
Integrated Multiport Repeater Plus
TM (IMR+TM)
Am79C987
Hardware Implemented Management Information Base
TM (HIMIBTM)
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VSS
DAL6
DAL5
DAL4
DAL3
DAL2
DAL1
DAL0
READ
INTR
DALI
DALO
DAS
BM0/BYTE
BM1/BUSAKO
HOLD/BUSRQ
ALE/
AS
HLDA
CS
ADR
READY
RESET
VSS
VDD
DAL8
DAL9
DAL10
DAL11
DAL12
DAL13
DAL14
DAL15
A16
A17
A18
A19
A20
A21
A22
A23
RX
RENA
TX
CLSN
RCLK
TENA
TCLK
DAL7
17881B-2
17881B-3
Note:
Pin 1 is marked for orientation.
DIP
PLCC
1 68 67 66 65 64 63 62 61
7
6
5
4
3
2
9
8
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
35 36 37 38 39 40 41 42 43
29 30 31 32 33 34
27 28
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
NC
NC
DAL2
DAL3
DAL4
DAL5
DAL6
DAL7
VSS
VDD
DAL8
DAL9
DAL10
DAL11
DAL12
NC
NC
NC
CS
NC
NC
ADR
READY
RESET
NC
NC
VSS
TCLK
TENA
RCLK
CLSN
TX
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62