データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM7992 データシート(PDF) 17 Page - Advanced Micro Devices

部品番号 AM7992
部品情報  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992 データシート(HTML) 17 Page - Advanced Micro Devices

Back Button AM7992 Datasheet HTML 13Page - Advanced Micro Devices AM7992 Datasheet HTML 14Page - Advanced Micro Devices AM7992 Datasheet HTML 15Page - Advanced Micro Devices AM7992 Datasheet HTML 16Page - Advanced Micro Devices AM7992 Datasheet HTML 17Page - Advanced Micro Devices AM7992 Datasheet HTML 18Page - Advanced Micro Devices AM7992 Datasheet HTML 19Page - Advanced Micro Devices AM7992 Datasheet HTML 20Page - Advanced Micro Devices AM7992 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AMD
17
Am7992B
SWITCHING WAVEFORMS
(Note A) (Note E)
Bit Cell 1
1
Bit Cell 2
0
Bit Cell 3
1
Bit Cell 4
0
Bit Cell 5
1
BCC
1
BCB
BCC
0
BCB
BCC
1
BCB BCC
0
BCB
BCC
1
BCB
10
15
(Note D)
(Note B)
(Note C)
(Note F)
Receive
±
(Measured
Differentially)
INTCARR
RENA
VCO Enable
VCO
INTRCLK
RCK Enable
RCLK
RX
INTPLLCLK
03378I-12
Notes:
A. Minimum Width > 45 ns.
B. RCLK = INTRCLK when
TEST LOW.
C. RX undefined until bit time 5 (1st decoded bit).
D. Oscillator Interrupt may occur at 2nd INTRCLK after Bit 2 Clock Transition.
E. Timing Diagram does not include Internal Propagation Delays.
F. First valid data at RX (Bit 5).
Receive Timing – Start of Reception Clock Acquisition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27