| データシートサーチシステム |
|
AM79C960KC データシート(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KC データシート(HTML) 3 Page - Advanced Micro Devices |
|
3 / 127 page ![]() P R E L I M I N A R Y AMD 1-345 Am79C960 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: AM79C960 KC, KC\W Valid Combinations Valid Combinations The Valid Combinations table lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. AM79C960 K C \W ALTERNATE PACKAGING OPTION \W = Trimmed and Formed in a Tray (PQJ120) OPTIONAL PROCESSING Blank = Standard Processing TEMPERATURE RANGE C = Commercial (0 to +70 °C) PACKAGE TYPE (per Prod. Nomenclature/16-038) K = Plastic Quad Flat Pack (PQR120) SPEED Not Applicable DEVICE NUMBER/DESCRIPTION Am79C960 PCnet ™-ISA Single Chip Ethernet Controller |